|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PolySwitch(R) PTC Devices 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 www.circuitprotection.com PRODUCT: VLR230UF DOCUMENT: SCD 25676 PCN: D49484 REV LETTER: C REV DATE: JUNE 25, 2007 PAGE NO.: 1 OF 1 Overcurrent Protection Device Raychem Circuit Protection Products Specification Status: Released Maximum Electrical Rating Operating Voltage: 12Vdc Interrupt Current: 100A Chip Size: 5 X 12mm Leads: Nickel 1/4H 0.125mm nominal thickness Solder: Lead-free Tape: None Marking: None TABLE I. DIMENSIONS: A B MIN MAX MIN MAX 20.9 23.1 4.9 5.1 (0.82) (0.91) (0.19) (0.20) *Rounded off approximation C MIN ---MAX 0.7 (0.03) MIN 4.1 (0.16) D MAX 6.0 (0.24) MIN 4.1 (0.16) E MAX 6.0 (0.24) MIN 3.9 (0.15) F MAX 4.1 (0.16) mm: in*: TABLE II. PERFORMANCE RATINGS: As measured in Mueller Kelvin Clips model BU-75K. I HOLD CURRENT TRIP LIMITS TIME TO TRIP REFERENCE RESISTANCE ONE-HOUR POST-TRIP RESISTANCE OHMS AT 25C TYP MAX 0.031 0.036 TRIPPEDSTATE POWER DISSIPATION WATTS AT 25C, 12V TYP MAX 1.4 2.5 AMPS 25C HOLD 2.3 AMPS AMPS AMPS AMPS SECONDS AT OHMS AT 0C AT 25C AT 60C AT --C 25C, 10.0A AT 25C HOLD TRIP HOLD TRIP HOLD TRIP HOLD TRIP TYP MAX MIN MAX 3.4 6.6 2.3 5.0 0.9 2.3 ----2.4 5 0.012 0.018 Agency Recognitions: Reference Documents: Precedence: Effectivity: CAUTION: UL, TUV, CSA PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. Materials Information: ROHS Compliant ELV Compliant Pb-Free (c) 2005, 2007 Tyco Electronics Corporation. All rights reserved. |
Price & Availability of VLR230UF |